Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 85Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 86Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 87Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 88Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 89Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 90Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 91Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 92Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
DocID023353 Rev 6
89/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
Figure 21. Five volt tolerant (FT and FTf) I/O input characteristics - CMOS port
Figure 22. Five volt tolerant (FT and FTf) I/O input characteristics - TTL port
MS30257V2
VDD (V)
2.0
VIL/VIH (V)
1.0
2.0
3.6
VILmax
= 0.475V
DD
-0.2
0.5
CMOS standard requirements VILmax = 0.3VDD
VIHmin
= 0.5V
DD
+0.2
Area not determined
Based
on design
simulations
Based
on design
simulations
Tested in
production
CMOS standard
requirements
VIHmin = 0.7
VDD
Tested in production
MS30258V2
VDD (V)
2.0
VIL/VIH (V)
1.0
2.0
3.6
VILmin
= 0.475V
DD
-0.2
0.5
VIHmin
= 0.5V
DD
+0.2
Area not determined
2.7
TTL standard requirements VIHmin = 2 V
TTL standard requirements VILmax = 0.8 V
0.8
Based
on design
simulations
Based
on design
simulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com