Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
27
Table 3. PCMCIA Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
P44
A(6:31), REG valid to PCMCIA strobe asserted
28
Ñ
13
Ñ
13
Ñ
ns
P45
A(6:31), REG valid to ALE negation
38
Ñ
18
Ñ
18
Ñ
ns
P46
CLKOUT to REG valid
10
19
5
13
5
13
ns
P47
CLKOUT to REG invalid
11
Ñ6Ñ6Ñ
ns
P48
CLKOUT to CE1, CE2 asserted
10
19
5
13
5
13
ns
P49
CLKOUT to CE1, CE2 negated
10
19
5
13
5
13
ns
P50
CLKOUT to PCOE, IORD, PCWE, IOWR assert
time
Ñ12Ñ11Ñ11
ns
P51
CLKOUT to PCOE, IORD, PCWE, IOWR negate
time
312211211
ns
P52
CLKOUT to ALE assert time
10
19
5
13
5
13
ns
P53
CLKOUT to ALE negate time
Ñ
19
Ñ
13
Ñ
13
ns
P54
PCWE, IOWR negated to D(0:31) invalid
8Ñ3Ñ3Ñ
ns
P55
WAIT_B valid to CLKOUT rising edge
8Ñ8Ñ8Ñ
ns
P56
CLKOUT rising edge to WAIT_B invalid
2Ñ2Ñ2Ñ
ns
NOTES:
1.
PSST = 1. Otherwise, add PSST times cycle time.
2.
PSHT = 0. Otherwise, add PSHT times cycle time.
3.
These synchronous timings deÞne when the WAIT_B signal is detected in order to freeze (or relieve) the
PCMCIA current cycle. The WAIT_B assertion will be effective only if it is detected two cycles before the PSL
timer expiration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com