Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
51
Table 14. Serial Communication Controller in NMSI Internal Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
100
RCLK1 and TCLK1 frequency1
0
8.3
0
13
0
16
MHz
102
RCLK1 and TCLK1 rise and all times
ÑÑÑÑÑÑ
ns
103
TXD2 active delay (from TCLK1 falling
edge)
030030030
ns
104
RTS1 active/inactive delay (from TCLK1
falling edge)
030030030
ns
105
CTS1 setup time to TCLK1 rising edge
40
Ñ
40
Ñ
40
Ñ
ns
106
RXD2 setup time to RCLK1 rising edge
40
Ñ
40
Ñ
40
Ñ
ns
107
RXD2 hold time from RCLK1 rising edge2
0Ñ0Ñ0Ñ
ns
108
CD1 setup time to RCLK1 rising edge
40
Ñ
40
Ñ
40
Ñ
ns
NOTES:
1.
The ratio SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater than or equal to 3/1.
2.
Applies to CD and CTS hold time when they are used as external sync signals.
Figure 46. SCC NMSI Receive Timing Diagram
RCLK1
RXD2
(INPUT)
CD1
(INPUT)
CD1
(SYNC
INPUT)
102
102
101
100
107
106
108
107
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com