Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
41
Table 9. IDMA Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
40
DREQ setup time to clock high
12
Ñ7Ñ7Ñ
nsec
41
DREQ hold time from clock high
5Ñ3Ñ3Ñ
nsec
42
SDACK assertion delay from clock high
Ñ
20
Ñ
12
Ñ
12
nsec
43
SDACK negation delay from clock low
Ñ
20
Ñ
12
Ñ
12
nsec
44
SDACK negation delay from TA low
Ñ
25
Ñ
20
Ñ
20
nsec
45
SDACK negation delay from clock high
Ñ
20
Ñ
15
Ñ
15
nsec
46
TA assertion to falling edge of the clock
setup time
12
Ñ7Ñ7Ñ
nsec
NOTE: Applies to external TA.
Figure 38. IDMA External Requests Timing Diagram
CLKOUT
DREQ
(INPUT)
(OUTPUT)
41
40
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com