Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
B28c
CLKOUT Falling Edge to WE(0:3) Negated -GPCM-Write
Access TRLX = Ô0Õ, CSNT = Ô1Õ, EBDF=1
14
25716716
ns
B28d
CLKOUT Falling Edge to CS Negated -GPCM-Write Access
TRLX = Ô0Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF = 1
Ñ25Ñ16Ñ16
ns
B29
WE(0:3) Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write
Access, CSNT = Ô0Õ
8Ñ3Ñ3Ñ
ns
B29a
WE(0:3) Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write
Access, TRLX = Ô0Õ, CSNT = Ô1Õ, EBDF = 0
18
Ñ8Ñ8Ñ
ns
B29b
CS Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write Access,
ACS = Ô00Õ, TRLX = Ô0Õ & CSNT = Ô0Õ
8Ñ3Ñ3Ñ
ns
B29c
CS Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write Access,
TRLX = Ô0Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF = 0
18
Ñ8Ñ8Ñ
ns
B29d
WE(0:3) Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write
Access, TRLX = Ô1Õ, CSNT = Ô1Õ, EBDF = 0
58Ñ28Ñ28Ñ
ns
B29e
CS Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write Access,
TRLX = Ô1Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF = 0
58Ñ28Ñ28Ñ
ns
B29f
WE(0:3) Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write
Access, TRLX = Ô0Õ, CSNT = Ô1Õ, EBDF = 1
12
Ñ5Ñ5Ñ
ns
B29g
CS Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write Access,
TRLX = Ô0Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF = 1
12
Ñ5Ñ5Ñ
ns
B29h
WE(0:3) Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write
Access, TRLX = Ô1Õ, CSNT = Ô1Õ, EBDF = 1
52Ñ24Ñ24Ñ
ns
B29i
CS Negated to D(0:31), DP(0:3) Hi Z -GPCM- Write Access,
TRLX = Ô1Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF =1
52Ñ24Ñ24Ñ
ns
B30
CS, WE(0:3) Negated to A(6:31) invalid -GPCM- Write
Access.
8Ñ3Ñ3Ñ
B30a
WE(0:3) Negated to A(6:31) Invalid -GPCM- Write Access,
TRLX=Õ0Õ, CSNT = '1Õ. CS Negated to A(6:31) Invalid -GPCM-
Write Access, TRLX=Õ0Õ, CSNT = '1Õ, ACS = 10,ACS = =Õ11Õ,
EBDF = 0
18
Ñ8Ñ8Ñ
ns
B30b
WE(0:3) Negated to A(6:31)Invalid -GPCM- Write Access,
TRLX=Õ1Õ, CSNT = '1Õ. CS Negated to A(6:31)Invalid -GPCM-
Write Access, TRLX=Õ1Õ, CSNT = '1Õ, ACS = 10,ACS = =Õ11Õ,
EBDF = 0
58Ñ28Ñ28Ñ
ns
B30c
WE(0:3) Negated to A(6:31) Invalid -GPCM- Write Access,
TRLX=Õ0Õ, CSNT = '1Õ. CS Negated to A(6:31) Invalid -GPCM-
Write Access, TRLX=Õ0Õ, CSNT = '1Õ, ACS = 10 ,ACS = =Õ11Õ,
EBDF = 1
12
Ñ4Ñ4Ñ
ns
B30d
WE(0:3) Negated to A(6:31) Invalid -GPCM- Write Access,
TRLX=Õ1Õ, CSNT = '1Õ. CS Negated to A(6:31) Invalid -GPCM-
Write Access, TRLX=Õ1Õ, CSNT = '1Õ, ACS = 10,ACS = =Õ11Õ,
EBDF = 1
52Ñ24Ñ24Ñ
ns
B31
CLKOUT Falling Edge to CS valid as requested by CST4 in
the corresponding word of the UPM
1.5
10
1.5
8
1.5
8
ns
Table 1. Bus Operation Timing (Continued)
NUM
CHARACTERISTIC
25MHz
40MHz
50MHz
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com