Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
59
Table 17. Serial Peripheral Interface Slave Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
170
Slave cycle time
2Ñ2Ñ2Ñ
tcyc
171
Slave enable lead time
15
Ñ
15
Ñ
15
Ñ
ns
172
Slave enable lag time
15
Ñ
15
Ñ
15
Ñ
ns
173
Slave clock (SPICLK) high or low time
1Ñ1Ñ1Ñ
tcyc
174
Slave sequential transfer delay (does not
require deselect)
1Ñ1Ñ1Ñ
tcyc
175
Slave data setup time (inputs)
20
Ñ
20
Ñ
20
Ñ
ns
176
Slave data hold time (inputs)
20
Ñ
20
Ñ
20
Ñ
ns
177
Slave access time
Ñ
50
Ñ
50
Ñ
50
ns
178
Slave SPI MISO disable time
Ñ
50
Ñ
50
Ñ
50
ns
179
Slave data valid (after SPICLK edge)
Ñ
50
Ñ
50
Ñ
50
ns
180
Slave data hold time (outputs)
0Ñ0Ñ0Ñ
ns
181
Rise time (input)
Ñ
15
Ñ
15
Ñ
15
ns
182
Fall time (input)
Ñ
15
Ñ
15
Ñ
15
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com