Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
57
Table 16. Serial Peripheral Interface Master Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
160
Master cycle time
4
1,024
4
1,024
4
1,024
tcyc
161
Master clock (SCK) high or low time
2
512
2
512
2
512
tcyc
162
Master data setup time (inputs)
50
Ñ
50
Ñ
50
Ñ
ns
163
Master data hold time (inputs)
0Ñ0Ñ0Ñ
ns
164
Master data valid (after SCK edge)
Ñ
20
Ñ
20
Ñ
20
ns
165
Master data hold time (outputs)
0Ñ0Ñ0Ñ
ns
166
Rise time output
Ñ
15
Ñ
15
Ñ
15
ns
167
Fall time output
Ñ
15
Ñ
15
Ñ
15
ns
NOTE: The ratio SyncCLK/SMCLK must be greater than or equal to 2/1.
Figure 52. SPI Master (CP=0) Timing Diagram
SPICLK
CI=0
(OUTPUT)
SPICLK
CI=1
(OUTPUT)
SPIMISO
(INPUT)
SPIMOSI
(OUTPUT)
MSBIN
DATA
LSBIN
MSBIN
MSBOUT
DATA
LSBOUT
MSBOUT
161
161
160
166
167
166
167
163
162
165
164
166
167
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com