Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
Table 15. Ethernet Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
120
CLSN (CTS2) width high
40
Ñ
40
Ñ
40
Ñ
ns
121
RCLK1 rise and fall times
Ñ
15
Ñ
15
Ñ
15
ns
122
RCLK1 width low
40
Ñ
40
Ñ
40
Ñ
ns
123
RCLK1 clock period1
80
120
80
120
80
120
ns
124
RXD2 setup time
20
Ñ
20
Ñ
20
Ñ
ns
125
RXD2 hold time
5Ñ5Ñ5Ñ
ns
126
RENA (CD2) active delay (from RCLK1
rising edge of the last data bit)
10Ñ10Ñ10Ñ
ns
127
RENA (CD2) width low
100
Ñ
100
Ñ
100
Ñ
ns
128
TCLK1 rise and fall times
Ñ
15
Ñ
15
Ñ
15
ns
129
TCLK1 width low
40
Ñ
40
Ñ
40
Ñ
ns
130
TCLK1 clock period
1
99
101
99
101
99
101
ns
131
TXD2 active delay (from TCLK1 rising edge)
10
50
10
50
10
50
ns
132
TXD2 inactive delay (from TCLK1 rising
edge)
10
50
10
50
10
50
ns
133
TENA (RTS2) active delay (from TCLK1
rising edge)
10
50
10
50
10
50
ns
134
TENA (RTS2) inactive delay (from TCLK1
rising edge)
10
50
10
50
10
50
ns
135
N/A
136
N/A
137
N/A
138
CLKx low to SDACK asserted2
Ñ20Ñ20Ñ20
ns
139
CLKx low to SDACK negated3
Ñ20Ñ20Ñ20
ns
NOTES:
1.
The ratio SyncCLK/RCLK1 and SyncCLK/TCLK1 must be greater than or equal to 2/1.
2.
SDACK is asserted when the SDMA writes the incoming frame DA into memory.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com