Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
Table 20. Serial Management Controller Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
150
CLK1 clock period
100
Ñ
100
Ñ
100
Ñ
ns
151
CLK1 width low
50
Ñ
50
Ñ
50
Ñ
ns
151A
CLK1 width high
50
Ñ
50
Ñ
50
Ñ
ns
152
CLK1 rise and fall times
Ñ
15
Ñ
15
Ñ
15
ns
153
SMTXDx active delay (from CLK1 falling
edge)
10
50
10
50
10
50
ns
154
SMRXDx/SYNC1 setup time
20
Ñ
20
Ñ
20
Ñ
ns
155
SMRXDx/SYNC1 hold time
5Ñ5Ñ5Ñ
ns
NOTE: The ratio SyncCLK/SMCLK must be greater than or equal to 2/1.
Figure 57. SMC Transparent Timing Diagram
150
NOTE: *THISDELAYISEQUALTOANINTEGERNUMBEROFÒCHARACTERLENGTHÓCLOCKS.
SMCLK
SMTXDX
(OUTPUT)
SYNC1
SMRXDX
(INPUT)
*
152
152
151
161a
153
155
154
154
155
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com