Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC823 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
3
POWER CONSIDERATIONS
The average chip-junction temperature, T
J
,
in
°C can be obtained from
T
J = TA + (PD ¥ qJA)
(1)
where
T
A
=
Ambient Temperature,
¥C
q
JA
=
Package Thermal Resistance, Junction to Ambient,
¥C/W
P
D
=P
INT + PI/O
P
INT =IDD x VDD
,
WattsÑChip Internal Power
P
I/O
=
Power Dissipation on Input and Output PinsÑUser Determined
For most applications P
I/O < 0.3 ¥ PINT and can be neglected. If PI/O is neglected
,
an approximate
relationship between P
D and TJ is:
P
D
=K
Õ (T
J + 273¥C)
(2)
Solving equations (1) and (2) for K gives
K =
P
D ¥ (TA + 273¥C) + qJA ¥ PD
2
(3)
where K is a constant pertaining to the particular part. K can be determined from equation (3)
by measuring P
D
(at equilibrium) for a known T
A
. Using this value of K, the values of P
D and TJ
can be obtained by solving equations (1) and (2) iteratively for any value of T
A.
Layout Practices
Each VCC pin on the MPC823 should be provided with a low-impedance path to the boardÕs
supply. Each GND pin should be provided with a low-impedance path to ground. The power
supply pins drive distinct groups of logic on chip. The VCC power supply should be bypassed to
ground using at least four 0.1
mF bypass capacitors located as close as possible to the four
sides of the package. The capacitor leads and associated printed circuit traces connecting to
chip VCC and GND should be kept to less than half an inch per capacitor lead. A four-layer
board that employs two inner layers as VCC and GND planes should be used.
All output pins on the MPC823 have fast rise and fall times. Printed circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and reflections
caused by these fast output switching times. This recommendation particularly applies to the
address and data busses. Maximum PC trace lengths of six inches are recommended.
Capacitance calculations should consider all device loads as well as parasitic capacitances
due to the PC traces. Attention to proper PCB layout and bypassing becomes especially critical
in systems with higher capacitive loads because these loads create higher transient currents
in the VCC and GND circuits. Pull up all unused inputs or signals that will be inputs during reset.
Special care should be taken to minimize the noise levels on the PLL supply pins.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com