Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  AC Electrical Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
45
Table 10. Baud Rate Generator Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
50
BRGO rise and fall times
Ñ
10
Ñ
10
Ñ
10
ns
51
BRGO duty cycle
40
60
40
60
40
60
%
52
BRGO cycle
40
Ñ
40
Ñ
40
Ñ
ns
Figure 42. Baud Rate Generator Timing Diagram
BRGOx
50
50
51
51
52
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com