Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
21
Clock Configuration Modes
Table 14 describes all possible clock configurations when using the hard reset configuration sequence.
Note also that basic modes are shown in boldface type. The frequencies listed are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does
not exceed the frequency rating of the user’s device.
100
66 MHz
2
133 MHz
2.5
166 MHz
101
66 MHz
2
133 MHz
3
200 MHz
110
66 MHz
2.5
166 MHz
2.5
166 MHz
111
66 MHz
2.5
166 MHz
3
200 MHz
Table 14. Clock Configuration Modes 1
MODCK_H–MODCK[1–3]
Input Clock
Frequency2,3
CPM Multiplication
Factor2
CPM
Frequency2
Core Multiplication
Factor2
Core
Frequency2
0001_000
33 MHz
2
66 MHz
4
133 MHz
0001_001
33 MHz
2
66 MHz
5
166 MHz
0001_010
33 MHz
2
66 MHz
6
200 MHz
0001_011
33 MHz
2
66 MHz
7
233 MHz
0001_100
33 MHz
2
66 MHz
8
266 MHz
0001_101
33 MHz
3
100 MHz
4
133 MHz
0001_110
33 MHz
3
100 MHz
5
166 MHz
0001_111
33 MHz
3
100 MHz
6
200 MHz
0010_000
33 MHz
3
100 MHz
7
233 MHz
0010_001
33 MHz
3
100 MHz
8
266 MHz
0010_010
33 MHz
4
133 MHz
4
133 MHz
0010_011
33 MHz
4
133 MHz
5
166 MHz
0010_100
33 MHz
4
133 MHz
6
200 MHz
0010_101
33 MHz
4
133 MHz
7
233 MHz
0010_110
33 MHz
4
133 MHz
8
266 MHz
0010_111
33 MHz
5
166 MHz
4
133 MHz
0011_000
33 MHz
5
166 MHz
5
166 MHz
0011_001
33 MHz
5
166 MHz
6
200 MHz
0011_010
33 MHz
5
166 MHz
7
233 MHz
0011_011
33 MHz
5
166 MHz
8
266 MHz
Table 13. Clock Default Configurations
MODCK[1–3]
Input Clock
Frequency
CPM Multiplication
Factor
CPM
Frequency
Core Multiplication
Factor
Core
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com