Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
24
Freescale Semiconductor
Clock Configuration Modes
3.2.1
PCI Host Mode
The frequencies listed in Table 15 are for the purpose of illustration only. Users must select a mode and
input bus frequency so that the resulting configuration does not exceed the frequency rating of the user’s
device.
Table 16 describes all possible clock configurations when using the MPC8250’s internal PCI bridge in host
mode.
Table 15. Clock Default Configurations in PCI Host Mode (MODCK_HI = 0000)
MODCK[1–3]1
1
Assumes MODCK_HI = 0000.
Input Clock
Frequency
(Bus)
CPM
Multiplication
Factor
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency
PCI Division
Factor 2
2
The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency is
divided by 2 (33 instead of 66 MHz, etc.) Refer to Table 12.
PCI
Frequency2
000
66 MHz
2
133 MHz
2.5
166 MHz
2/4
66/33 MHz
001
66 MHz
2
133 MHz
3
200 MHz
2/4
66/33 MHz
010
66 MHz
2.5
166 MHz
3
200 MHz
3/6
55/28 MHz
011
66 MHz
2.5
166 MHz
3.5
233 MHz
3/6
55/28 MHz
100
66 MHz
2.5
166 MHz
4
266 MHz
3/6
55/28 MHz
101
66 MHz
3
200 MHz
3
200 MHz
3/6
66/33 MHz
110
66 MHz
3
200 MHz
3.5
233 MHz
3/6
66/33 MHz
111
66 MHz
3
200 MHz
4
266 MHz
3/6
66/33 MHz
Table 16. Clock Configuration Modes in PCI Host Mode
MODCK_H
–
MODCK[1–
3]
Input Clock
Frequency 1
(Bus)
CPM
Multiplication
Factor
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency
PCI Division
Factor 2
PCI
Frequency2
0001_000
33 MHz
3
100 MHz
5
166 MHz
3/6
33/16 MHz
0001_001
33 MHz
3
100 MHz
6
200 MHz
3/6
33/16 MHz
0001_010
33 MHz
3
100 MHz
7
233 MHz
3/6
33/16 MHz
0001_011
33 MHz
3
100 MHz
8
266 MHz
3/6
33/16 MHz
0010_000
33 MHz
4
133 MHz
5
166 MHz
4/8
33/16 MHz
0010_001
33 MHz
4
133 MHz
6
200 MHz
4/8
33/16 MHz
0010_010
33 MHz
4
133 MHz
7
233 MHz
4/8
33/16 MHz
0010_011
33 MHz
4
133 MHz
8
266 MHz
4/8
33/16 MHz
0011_000 3
33 MHz
5
166 MHz
5
166 MHz
5
33 MHz
0011_0013
33 MHz
5
166 MHz
6
200 MHz
5
33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com