Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
16
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 8 shows PIO, timer, and DMA signals.
Figure 8. PIO, Timer, and DMA Signal Diagram
Table 9 lists SIU input characteristics.
Table 9. AC Characteristics for SIU Inputs 1
1
Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp11
sp10
AACK/ARTRY/TA/TS/TEA/DBG/BG/BR
65
0.5
0.5
sp12
sp10
Data bus in normal mode
5
4
0.5
0.5
sp13
sp10
Data bus in ECC and PARITY modes
8
6
0.5
0.5
sp14
sp10
DP pins
7
6
0.5
0.5
sp15
sp10
All other pins
5
4
0.5
0.5
Sys clk
PIO/IDMA/TIMER[TGATE assertion] input signals
IDMA output signals
sp22
sp23
sp42/sp43
TIMER(sp42/43)/ PIO(sp42a/sp43a)
sp42a/sp43a
output signals
sp42/sp43
TIMER input signal [TGATE deassertion]
sp22
sp23
Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge.
(See note)
(See note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com