Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 62Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
60
Freescale Semiconductor
Document Revision History
0.6
10/2002 Table 22, “VR Pinout”: corrected ball assignment for the following pins—A12–A17, TA, PD5, PC2.
0.5
9/2002
Addition of VR (516 PBGA) package information. Refer to sections 2.2, 4.2, and 5.
0.4
5/2002
• Table 2: Notes 2 and 3
• Addition of note on page 8:VDDH and VDD tracking
• Table 14: Note 3
• Table 16: Note 1
• Table 18: Note 3
0.3
3/2002
• Table 20: modified note to pin AF25.
0.2
3/2202
• Table 20: modified notes to pins AE11 and AF25.
• Table 20: added note to pins AA1 and AG4 (Therm0 and Therm1).
0.1
2/2002
• Note 2 for Table 4 (changes in italics): “...greater than
or equal to 266 MHz, 200 MHz CPM...”
• Table 18: core and bus frequency values for the following ranges of MODCK_HMODCK:
0011_000 to 0011_100 and 1011_000 to 1011_1000
• Table 20: footnotes added to pins at AE11, AF25, U5, and V4.
0
11/2001 Initial version
Table 24. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com