Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
12
Freescale Semiconductor
Electrical and Thermal Characteristics
2.4
AC Electrical Characteristics
The following sections include illustrations and tables of clock diagrams, signals, and CPM outputs and
inputs for the 66 MHz MPC8250 device. Note that AC timings are based on a 50-pf load. Typical output
buffer impedances are shown in Table 6.
Table 7 lists CPM output characteristics.
Table 8 lists CPM input characteristics.
Table 6. Output Buffer Impedances 1
1
These are typical values at 65° C. The impedance may vary by
±25% with process and temperature.
Output Buffers
Typical Impedance (
Ω)
60x bus
40
Local bus
40
Memory controller
40
Parallel I/O
46
PCI
25
Table 7. AC Characteristics for CPM Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Max Delay (ns)
Min Delay (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp36a
sp37a
FCC outputs—internal clock (NMSI)
6
5.5
1
1
sp36b
sp37b
FCC outputs—external clock (NMSI)
14
12
2
1
sp40
sp41
TDM outputs/SI
25
16
5
4
sp38a
sp39a
SCC/SMC/SPI/I2C outputs—internal clock (NMSI)
19
16
1
0.5
sp38b
sp39b
Ex_SCC/SMC/SPI/I2C outputs—external clock (NMSI)
19
16
2
1
sp42
sp43
TIMER/IDMA outputs
14
11
1
0.5
sp42a
sp43a
PIO outputs
14
11
0.5
0.5
Table 8. AC Characteristics for CPM Inputs 1
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp16a
sp17a
FCC inputs—internal clock (NMSI)
10
8
0
0
sp16b
sp17b
FCC inputs—external clock (NMSI)
3
2.5
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com