Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
29
Pinout
4
Pinout
This section provides the pin assignments and pinout list for the MPC8250.
4.1
TBGA Package
The following figures and table represent the standard 480 TBGA package. For information on the
alternate package, refer to Section 4.2, “PBGA Package.”
1010_000
66/33 MHz
4/8
266 MHz
2.5
222 MHz
3
88 MHz
1010_001
66/33 MHz
4/8
266 MHz
3
266 MHz
3
88 MHz
1010_010
66/33 MHz
4/8
266 MHz
3.5
300 MHz
3
88 MHz
1010_011
66/33 MHz
4/8
266 MHz
4
350 MHz
3
88 MHz
1010_100
66/33 MHz
4/8
266 MHz
4.5
400 MHz
3
88 MHz
1011_000
66/33 MHz
4/8
266 MHz
2
212MHz
2.5
106 MHz
1011_001
66/33 MHz
4/8
266 MHz
2.5
265 MHz
2.5
106 MHz
1011_010
66/33 MHz
4/8
266 MHz
3
318 MHz
2.5
106 MHz
1011_011
66/33 MHz
4/8
266 MHz
3.5
371 MHz
2.5
106 MHz
1011_100
66/33 MHz
4/8
266 MHz
4
424 MHz
2.5
106 MHz
1
The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency is
divided by 2 (33 instead of 66 MHz, etc.) and the CPM multiplication factor is multiplied by 2. Refer to Table 12
2
Input clock frequency is given only for the purpose of reference. User should set MODCK_H–MODCK_L so that
the resulting configuration does not exceed the frequency rating of the user’s part.
3
Core frequency = (60x bus frequency)(core multiplication factor)
4
Bus frequency = CPM frequency / bus division factor
5
In this mode, PCI_MODCK must be “1”.
Table 18. Clock Configuration Modes in PCI Agent Mode (continued)
MODCK_H
–
MODCK[1–
3]
Input Clock
Frequency
(PCI) 1, 2
CPM
Multiplication
Factor1
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency3
Bus Division
Factor
60x Bus
Frequency4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com