Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
44
Freescale Semiconductor
Pinout
Figure 16 shows the side profile of the PBGA package to indicate the direction of the top surface view.
Figure 16. Side View of the PBGA Package
Table 22 shows the pinout list of the PBGA package of the MPC8250. Table 21 defines conventions and
acronyms used in Table 22.
Table 21. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
MII
Indicates that a signal is part of the media independent interface.
Table 22. MPC8250 PBGA Package Pinout List
Pin Name
Ball
BR
C16
BG
D2
ABB/IRQ2
C1
TS
D1
A0
D5
A1
E8
A2
C4
A3
B4
A4
A4
A5
D7
A6
D8
A7
C6
A8
B5
A9
B6
A10
C7
A11
C8
A12
A6
A13
D9
Die
Transfer molding compound
1 mm pitch
Wire bonds
attach
DIE
Ball bond
Screen-printed
solder mask
Cu substrate traces
BT resin glass epoxy
Plated substrate via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com