Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Electrical and Thermal Characteristics
where K is a constant pertaining to the particular part. K can be determined from equation (3) by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving equations (1) and (2) iteratively for any value of TA.
2.3.1
Layout Practices
Each VCC pin should be provided with a low-impedance path to the board’s power supply. Each ground
pin should likewise be provided with a low-impedance path to ground. The power supply pins drive
distinct groups of logic on chip. The VCC power supply should be bypassed to ground using at least four
0.1 µF by-pass capacitors located as close as possible to the four sides of the package. The capacitor leads
and associated printed circuit traces connecting to chip VCC and ground should be kept to less than half an
inch per capacitor lead. A four-layer board is recommended, employing two inner layers as V
CC and GND
planes.
All output pins on the MPC8250 have fast rise and fall times. Printed circuit (PC) trace interconnection
length should be minimized in order to minimize overdamped conditions and reflections caused by these
fast output switching times. This recommendation particularly applies to the address and data buses.
Maximum PC trace lengths of six inches are recommended. Capacitance calculations should consider all
device loads as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and
bypassing becomes especially critical in systems with higher capacitive loads because these loads create
higher transient currents in the VCC and GND circuits. Pull up all unused inputs or signals that will be
inputs during reset. Special care should be taken to minimize the noise levels on the PLL supply pins.
Table 5 provides preliminary, estimated power dissipation for various configurations. Note that suitable
thermal management is required for conditions above PD = 3W (when the ambient temperature is 70° C or
greater) to ensure the junction temperature does not exceed the maximum specified value. Also note that
the I/O power should be included when determining whether to use a heat sink.
Table 5. Estimated Power Dissipation for Various Configurations 1
1
Test temperature = room temperature (25
° C)
Bus
(MHz)
CPM
Multiplier
Core CPU
Multiplier
CPM
(MHz)
CPU
(MHz)
PINT(W)
2
2
PINT = IDD x VDD Watts
Vddl 1.8 Volts
Vddl 2.0 Volts
Nominal
Maximum
Nominal
Maximum
66.66
2
3
133
200
1.2
2
1.8
2.3
66.66
2.5
3
166
200
1.3
2.1
1.9
2.3
66.66
3
4
200
266
—
—
2.3
2.9
66.66
3
4.5
200
300
—
—
2.4
3.1
83.33
2
3
166
250
—
—
2.2
2.8
83.33
2
3
166
250
—
—
2.2
2.8
83.33
2.5
3.5
208
291
—
—
2.4
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com