Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
20
Freescale Semiconductor
Clock Configuration Modes
NOTE
The UPM machine outputs change on the internal tick determined by the
memory controller programming; the AC specifications are relative to the
internal tick. Note that SDRAM and GPCM machine outputs change on
CLKin’s rising edge.
3
Clock Configuration Modes
The MPC8250 has three clocking modes: local, PCI host, and PCI agent. The clocking mode is set
according to three input pins—PCI_MODE, PCI_CFG[0], PCI_MODCK—as shown in Table 12.
In each clocking mode, the configuration of bus, core, PCI, and CPM frequencies is determined by seven
bits during the power-up reset—three hardware configuration pins (MODCK[1–3]) and four bits from
hardware configuration word[28–31] (MODCK_H). Both the PLLs and the dividers are set according to
the selected MPC8250 clock operation mode as described in the following sections.
NOTE
Clock configurations change only after POR is asserted.
3.1
Local Bus Mode
Table 13 shows the eight basic clock configurations for the MPC8250. Another 49 configurations are
available by using the configuration pin (RSTCONF) and driving four pins on the data bus.
Table 12. MPC8250 Clocking Modes
Pins
Clocking Mode
PCI Clock
Frequency Range
(MHZ)
Reference
PCI_MODE
PCI_CFG[0] PCI_MODCK 1
1
Determines PCI clock frequency range. Refer to Section 3.2, “PCI Mode.”
1
—
—
Local bus
—
Table 13 and Table 14
00
0
PCI host
50–66
Table 15 and Table 16
0
0
1
25–50
01
0
PCI agent
50–66
Table 17 and Table 18
0
1
1
25–50
Table 13. Clock Default Configurations
MODCK[1–3]
Input Clock
Frequency
CPM Multiplication
Factor
CPM
Frequency
Core Multiplication
Factor
Core
Frequency
000
33 MHz
3
100 MHz
4
133 MHz
001
33 MHz
3
100 MHz
5
166 MHz
010
33 MHz
4
133 MHz
4
133 MHz
011
33 MHz
4
133 MHz
5
166 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com