Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 62Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
59
Ordering Information
6
Ordering Information
Figure 19 provides an example of the Freescale part numbering nomenclature for the MPC8250. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact your local Freescale sales office.
Figure 19. Freescale Part Number Key
7
Document Revision History
Table 24 provides a revision history for this template.
Table 24. Document Revision History
Revision
Date
Substantive Changes
2
7/2009
Updated TBGA and PBGA packaging information.
1
3/2005
Document template update
0.9
8/2003
• Table 2: Modification to supply voltage ranges reflected in notes 2, 3, and 4
• Addition of VCCSYN to “Note: Core, PLL, and I/O Supply Voltages” following Table 2
• Addition of Figure 2
• Addition of note 1 to Table 3
• Table 4: Changes to
θJA. Addition of θJB and θJC
• Table 7, Figure 8: Addition of sp42a/sp43a
• Figure 3 through Figure 8: Addition of notes or modifications
• Table 9: Change to sp10
• Table 14, Table 16, and Table 18: Removal of PLL bypass mode from clock tables
• Table 20 and Table 22: Addition of note 1
• Addition of SPICLK to PC19 in Table 20 and Table 22. It is documented correctly in the
MPC8260 PowerQUICC II™ Family Reference Manual but had previously been omitted from
Table 20 and Table 22.
0.8
11/2002 Table 22, “VR Pinout”: Addition of C18 to the Ground (GND) pin list (page 53)
0.7
10/2002 Table 22, “VR Pinout”: Addition of L3 to the Core (VDDx) pin list (page 53)
Product Code
Device Number
Process Technology
Package
Processor Frequency
Die Revision Level
MPC 8250 A C
Temperature Range
ZU XXX
(CPU/CPM/Bus)
X
(A = 0.25 micron)
(Blank = 0 to 105 °C
C = –40 to 105 °C)
ZU = 480 TBGA
ZO = 516 PBGA
VV = 480 TBGA (Pb free)
VR = 516 PBGA (Pb free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com