Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 4Page - STMicroelectronics STBC21 Datasheet HTML 5Page - STMicroelectronics STBC21 Datasheet HTML 6Page - STMicroelectronics STBC21 Datasheet HTML 7Page - STMicroelectronics STBC21 Datasheet HTML 8Page - STMicroelectronics STBC21 Datasheet HTML 9Page - STMicroelectronics STBC21 Datasheet HTML 10Page - STMicroelectronics STBC21 Datasheet HTML 11Page - STMicroelectronics STBC21 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Pin configuration
STBC21
8/54
Doc ID 023256 Rev 1
2
Pin configuration
Figure 3.
Pin connections (top through view)
Table 3.
Pin description
Pin n°
Symbol
Function
1
VCC
Input supply voltage
2
PHC
Photo coupler driver
3
VCP
Compensation pin
4
VREF
Voltage reference for external NTC
5
RES2
I²C bi-directional data - pulled high
6
RES1
I²C clock - pulled high
7
GND
Ground pin
8
RES3
Reserved
9
TEMP
Input from temperature sensor
10
VBAT_SNS
Battery voltage sensing
11
BAT
This pin provides an accurate output voltage and the charge current
following the charging algorithm. Only 50 µA reverse current can flow into
the device when in standby mode
12
ISET
Fast-charge current setting
13
LED1
Open drain. See Appendix E & F
14
LED2
Open drain. See Appendix E & F
EXPOSED
PAD
Not connected
AM10433v1
7
6
5
4
3
2
1
14
13
12
11
10
9
8
RES2
RES1
GND
VREF
VCP
PHC
VCC
LED2
LED1
ISET
BAT
VBAT_SNS
TEMP
RES3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com