Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 44Page - STMicroelectronics STBC21 Datasheet HTML 45Page - STMicroelectronics STBC21 Datasheet HTML 46Page - STMicroelectronics STBC21 Datasheet HTML 47Page - STMicroelectronics STBC21 Datasheet HTML 48Page - STMicroelectronics STBC21 Datasheet HTML 49Page - STMicroelectronics STBC21 Datasheet HTML 50Page - STMicroelectronics STBC21 Datasheet HTML 51Page - STMicroelectronics STBC21 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Charger, battery and alarm status registers
STBC21
48/54
Doc ID 023256 Rev 1
Table 43.
Address: 13H, Reset state: 00000000
Bit
Name
Read/Write
Function
B7 (MSB)
customer_en
Read/Write
1: Enable customer functions; 0: Disable
B6
CE
Read/Write
0: Charger enabled (default value); 1: Charger
disabled.
B5
Reserved
B4
Reserved
B3
SW_chrg_alarm
Read
1: Digital charger alarm during IDLE.
B2
SW_chrg_status
Read
Digital charger status (see
Table 44).
B1
Read
B0 (LSB)
Read
Table 44.
Digital charger status
000
IDLE
001
Battery detection (force)
010
Battery detection (1st)
011
Pre-charge
100
Fast-charge
101
Safe-charge
110
Battery detection (2nd)
111
Termination
Table 45.
Address: 14H, Reset state: 00000000
Bit
Name
Read/Write
Function
B7 (MSB)
Batt_temp_range
Read
Battery temperature range (see
Table 46)
B6
Read
B5
Read
B4
Reserved
B3
Iset2_half
Read
1: Iset2 (fast-charge current) set to 50%
B2
Vfloat_05
Read
1: Vfloat set to 4.05 V
B1
Vfloat_10
Read
1: Vfloat set to 4.10 V
B0 (LSB)
Vfloat_20
Read
1: Vfloat set to 4.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com