Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 10Page - STMicroelectronics STBC21 Datasheet HTML 11Page - STMicroelectronics STBC21 Datasheet HTML 12Page - STMicroelectronics STBC21 Datasheet HTML 13Page - STMicroelectronics STBC21 Datasheet HTML 14Page - STMicroelectronics STBC21 Datasheet HTML 15Page - STMicroelectronics STBC21 Datasheet HTML 16Page - STMicroelectronics STBC21 Datasheet HTML 17Page - STMicroelectronics STBC21 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Detailed description
STBC21
14/54
Doc ID 023256 Rev 1
Figure 4.
Charging process flowchart
Two outputs can be used to detect the status of charge. The functionality of these two pins
can be customized in NVM as outlined in
Appendix E & Appendix F. This is to allow the final
customer to have different kinds of information depending on whether the output is ON, OFF,
or flickering. The flickering frequency is programmable both in frequency and duty cycle (see
Appendix E & Appendix F).
Note:
The device functionality is not guaranteed if the parameters are modified in NVM during the
charging cycle.
5.1
Operation mode
The STBC21 can work in standalone or driven by a microcontroller. If it works in standalone,
all device parameters are those stored in NVM. Otherwise, if it works driven by a
microcontroller, it is the microcontroller itself to program through I²C (SCL and SDA pins) the
device parameters.
AM10415v 1
Insert Ba ery
Ba ery connec on
detec on at
beginning of charge
Pre-Charge Mode
VBAT > 3.0V
YES
YES
YES
NO
YES
VBAT < 1.0V
0V-Charge Mode
YES
Ba ery alarm
TIMER-4
elapsed
VBAT > 1.0V
NO
NO
Ba ery alarm
TIMER-1
elapsed
NO
YES
Fast
-Charge Mode
in constant current
YES
VBAT < VFLOAT
NO
Termina on
(without
Auto-recharge)
TIMER-2
elapsed
NO
NO
IBAT < ISET3
TIMER-2
elapsed
YES
Termina on
(without
Auto-recharge)
NO
NO
Fast
-Charge Mode
in constant voltage
YES
Safe charge
OFF
(TIMER-3=0 min)
Auto Recharge
ON
YES
Safe charge
TIMER-3
elapsed
NO
Auto Recharge
ON
NO
YES
YES
NO
YES
NO
YES
TIMER-4 ON
TIMER-1 ON
TIMER-2 ON
TIMER-3 ON
VBAT < 3.9V
Ba ery Connec on
Detec on
at the End of Charge
Ba ery Connec on
Detec on
at the End of Charge
Ba ery Connec on
Detec on
at the End of Charge
Ba ery Connec on
Detec on
at the End of Charge
NO
Termina on
(without
Auto-recharge)
Termina on
(without
Auto-recharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com