Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 15Page - STMicroelectronics STBC21 Datasheet HTML 16Page - STMicroelectronics STBC21 Datasheet HTML 17Page - STMicroelectronics STBC21 Datasheet HTML 18Page - STMicroelectronics STBC21 Datasheet HTML 19Page - STMicroelectronics STBC21 Datasheet HTML 20Page - STMicroelectronics STBC21 Datasheet HTML 21Page - STMicroelectronics STBC21 Datasheet HTML 22Page - STMicroelectronics STBC21 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
STBC21
Detailed description
Doc ID 023256 Rev 1
19/54
Figure 7.
V-I characteristics
Figure 8.
Battery temperature alarm after charging starts (at battery insertion and
at recharge) flowchart
AM10418v1
Charging
current ( mA
Battery voltage (V)
3 V
ISET1
(Pr e -char ge cur r ent value)
ISET2
(Fast-
char ge cur r ent value)
CV- 1/2/3/4
4.05V
+ 0.03V/ - 0.06
CV- 1/2/3/4
4. 10 V + 0.03V/ - 0.06
CV- 1/2/3/4
4. 20 V + 0.03V/ - 0.06
CV- 1/2/3/4
4.05V
+ 0.03V/ - 0.03
CV- 1/2/3/4
4. 10 V + 0.03V/ - 0.03
CV- 1/2/3/4
4. 20 V + 0.03V/ - 0.03
)
-
-
+
-
V
0.03V/ - 0.06
-
20
+
-
/
-
+/ - 0.03
AM10419v 1
Ba ery Temperature
Alarm Detec on / A er
charging starts
Baery Temperature
> 45°C
Baery Temperature
< 0°C
Start charging
Baery Temperature
Alarm occurrence
Charging doesn’t start
Ba ery Temp Alarm /
A er charging starts
LED SET
Charge on going
LED SET
YES
YES
YES
0°C < Baery Temperature < 43°C
NO
NO
NO
Start charging
Charge on going
LED SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com