Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 30Page - STMicroelectronics STBC21 Datasheet HTML 31Page - STMicroelectronics STBC21 Datasheet HTML 32Page - STMicroelectronics STBC21 Datasheet HTML 33Page - STMicroelectronics STBC21 Datasheet HTML 34Page - STMicroelectronics STBC21 Datasheet HTML 35Page - STMicroelectronics STBC21 Datasheet HTML 36Page - STMicroelectronics STBC21 Datasheet HTML 37Page - STMicroelectronics STBC21 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Charging parameters
STBC21
34/54
Doc ID 023256 Rev 1
Table 20.
CV2 bit description
CV2 Reg 02H
Bit3
Bit2
4.05
V
0
0
4.10
V
0
1
4.20
V
1
0
-1
1
Table 21.
CV3 bit description
CV3 Reg 02H
Bit5
Bit4
4.05
V
0
0
4.10
V
0
1
4.20
V
1
0
-1
1
Table 22.
CV4 bit description
CV4 Reg 02H
Bit7
Bit6
4.05
V
0
0
4.10
V
0
1
4.20
V
1
0
-1
1
Table 23.
Halving register
Name
Notes
Bit
Total
ISET CV-1
Iset2 x 50% in CV-1
1
4
ISET CV-2
Iset2 x 50% in CV-2
1
ISET CV-3
Iset2 x 50% in CV-3
1
ISET CV-4
Iset2 x 50% in CV-4
1
Table 24.
ISET2 (CV1) bit description
CV1-Iset2 Reg 07H
Bit0
ISET2 x 50% ON
1
ISET2 x 50% OFF
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com