Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 45Page - STMicroelectronics STBC21 Datasheet HTML 46Page - STMicroelectronics STBC21 Datasheet HTML 47Page - STMicroelectronics STBC21 Datasheet HTML 48Page - STMicroelectronics STBC21 Datasheet HTML 49Page - STMicroelectronics STBC21 Datasheet HTML 50Page - STMicroelectronics STBC21 Datasheet HTML 51Page - STMicroelectronics STBC21 Datasheet HTML 52Page - STMicroelectronics STBC21 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
STBC21
Charger, battery and alarm status registers
Doc ID 023256 Rev 1
49/54
H.1
Layout guidelines
The layout of the application board for the STBC21 is very critical due to the high precision
required on charging parameters which can be met only by minimizing the voltage drops
across the connecting tracks and the noise in the ground plane.
For these reasons the following guidelines are strongly suggested:
1.
Input and output decoupling capacitor should be placed as close as possible to the
STBC21 with short trace runs to both IN, OUT.
2.
All low current GND connections should be kept separate from the high current charge
or discharge paths from the battery.
3.
Use a single-point ground technique incorporating both the small signal ground path
and the power ground path.
4.
The high current charge paths into the IN pin and from the OUT pin must be sized
appropriately in order to avoid voltage drops in these traces.
5.
VBAT_SNS must be connected to VBAT as near as possible to the battery pin.
The layout of the board is reported below.
Figure 17.
Layout board (top through view)
Table 46.
Battery temperature range
000
No battery
001
Battery temperature > 60 ºC
010
Battery temperature > 50 ºC
011
Battery temperature > 45 ºC
100
Battery temperature > 10 ºC
101
Battery temperature > 0 ºC
110
Battery temperature < 0 ºC
111
Battery temperature < 0 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com