Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 18Page - STMicroelectronics STBC21 Datasheet HTML 19Page - STMicroelectronics STBC21 Datasheet HTML 20Page - STMicroelectronics STBC21 Datasheet HTML 21Page - STMicroelectronics STBC21 Datasheet HTML 22Page - STMicroelectronics STBC21 Datasheet HTML 23Page - STMicroelectronics STBC21 Datasheet HTML 24Page - STMicroelectronics STBC21 Datasheet HTML 25Page - STMicroelectronics STBC21 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Detailed description
STBC21
22/54
Doc ID 023256 Rev 1
Equation 2
which is not compatible with the thermal specifications of the package used. In this situation
either the charging current must be reduced (increasing the charging time) or the STBC21
enters into thermal shutdown.
This effect can be seen even in pre-charge but is less critical because this phase generally
last few minutes and the current is lower but can become longer in case the chip goes into
thermal shutdown.
To allow a higher current capability during charging, the power dissipation must be reduced
acting on the voltage drop between input and output. To keep this difference at a minimum
value the STBC21 provides a pin to drive a controller downstream so that the input voltage
depends on the battery voltage.
The input voltage waveform is shaped as reported in
Figure 12.
Figure 12.
Charging process diagram
During pre-charge, until VBAT reaches 2.8 V (VBAT_QP threshold), the input voltage must be
regulated at VCC_QP. When VBAT goes over 2.8 V, VCC starts to increase, keeping a constant
voltage difference with VBAT (IODROP_QP).
5.7
Alarms
The STBC21 implements four kinds of alarms: battery alarm, charger alarm, ASD
(automatic shutdown) alarm and device temperature alarm.
W
6
.
6
I
)
V
V
(
P
BAT
OUT
IN
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com