Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 28Page - STMicroelectronics STBC21 Datasheet HTML 29Page - STMicroelectronics STBC21 Datasheet HTML 30Page - STMicroelectronics STBC21 Datasheet HTML 31Page - STMicroelectronics STBC21 Datasheet HTML 32Page - STMicroelectronics STBC21 Datasheet HTML 33Page - STMicroelectronics STBC21 Datasheet HTML 34Page - STMicroelectronics STBC21 Datasheet HTML 35Page - STMicroelectronics STBC21 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Charging parameters
STBC21
32/54
Doc ID 023256 Rev 1
Table 14.
Timer-3 description
TIMER-3 Reg 00H
Bit6
Bit5
Bit4
0min.
0
0
0
10
min.
0
0
1
20
min.
0
1
0
30
min.
0
1
1
40
min.
1
0
0
50
min.
1
0
1
60
min.
1
1
0
-1
1
1
Table 15.
Charging current registers
Name
Charging phase
Setting range
Min. unit
Accuracy
Step
Bit
Total
ISET1
Pre-charge/0V-charge
current value
60 mA / 90 mA / 120 mA
30 mA
± 20%
3
2
6
ISET2
Fast-charge current value
100 mA to 1100 mA (1)
-
± 7% @ 800
mA
Setting with
external resistor
ISET3
End of charge current
value
40 mA to 190 mA (1)
10 mA
± 20%
16
4
1.
End of charge current is always less than fast-charge current.
Table 16.
SET1 register description
ISET1 Reg 01H
Bit1
Bit0
60
mA
0
0
90
mA
0
1
120
mA
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com