Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 38Page - STMicroelectronics STBC21 Datasheet HTML 39Page - STMicroelectronics STBC21 Datasheet HTML 40Page - STMicroelectronics STBC21 Datasheet HTML 41Page - STMicroelectronics STBC21 Datasheet HTML 42Page - STMicroelectronics STBC21 Datasheet HTML 43Page - STMicroelectronics STBC21 Datasheet HTML 44Page - STMicroelectronics STBC21 Datasheet HTML 45Page - STMicroelectronics STBC21 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
LED display modes
STBC21
42/54
Doc ID 023256 Rev 1
Appendix F
LED display modes
As a consequence of the configuration reported in
Appendix E there are 7 possible modes:
Table 36.
LED display modes
Function
Condition
LED modes
Mode
Bit
Total
LED
display
1.Battery uninstallation
OFF
1
0
9
2.Charging control
1.ON / 2.FL
2
1
3.Charging completion
1.OFF /2.ON /3.OFF
3
2
4.Charger alarm
1.FL /2.FL /3.OFF
3
2
5.Battery alarm
6.Temperature waiting
control / after charging starts
1.OFF/ 2.ON/3.OFF/ 4.FL/5.FL
5
3
7.Temperature waiting
control / during charging
1.ON/ 2. Same ilLumination MODE 6
6.Temperature waiting control / (after
charging starts)
21
Table 37.
LED frequency register
Function
Parameter
Range
Minimum Accuracy
#
Step
#
Bit
Total
Flickering
frequency
1.Battery uninstallation
FIXED
1
0
3
2.Charging control
0.625 Hz, 2 Hz
-
±10%
2
1
3.Charging completion
4 Hz
-
±10%
1
0
4.Charger alarm
2 Hz, 2.5 Hz, 3 Hz, 4 Hz
-
±10%
4
2
5.Battery alarm
2 Hz, 2.5 Hz, 3 Hz, 4 Hz
-
±10%
4
(1)
6.Temperature waiting control
/ after charging starts
0.625 Hz, 2 Hz
-
±10%
2
(2)
7.Temperature waiting control
/ during charging
0.625 Hz, 2 Hz
-
±10%
2
(2)
1.
Same as mode 4.
2.
Same as mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com