Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBC21
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBC21 Datasheet HTML 17Page - STMicroelectronics STBC21 Datasheet HTML 18Page - STMicroelectronics STBC21 Datasheet HTML 19Page - STMicroelectronics STBC21 Datasheet HTML 20Page - STMicroelectronics STBC21 Datasheet HTML 21Page - STMicroelectronics STBC21 Datasheet HTML 22Page - STMicroelectronics STBC21 Datasheet HTML 23Page - STMicroelectronics STBC21 Datasheet HTML 24Page - STMicroelectronics STBC21 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
STBC21
Detailed description
Doc ID 023256 Rev 1
21/54
Using an integrated resistor partition and a very low-offset comparator, it's possible to detect
a battery temperature value that doesn't depend on reference voltage, but is affected by an
internal resistor divider matching only.
As regards NTC, the components suggested are:
1.
NTC1 PANASONIC R25 = 100 kΩ ±1% B25/85=4700 K ±1% (code ERTJ0EV104F)
2.
NTC2 PANASONIC R25 = 10 kΩ ±1% B25/85=3435 K ±1% (code ERTJ0EG103FA)
Two resistor networks are proposed to implement linearization of these two NTCs, as written
below.
NTC1: R1 = 100 kΩ - R2 = 700 kΩ - R3 = 17.8 kΩ
NTC2: R1 = 9.1 kΩ - R2 = 160 kΩ - R3 = 0.22 kΩ
In this way, voltage thresholds of similar value for both NTCs are obtained. The STBC21
automatically recognizes these voltage thresholds.
5.6
PHC pin functionality
The time diagram of the charging process can be summarized in the image below:
Figure 11.
Charging process diagram
As shown, in fast-charge phase the power dissipation can be important and supposing VIN =
9.0 V and IBAT = 1.1 A:
TLO (-2 °C)
TL (10 °C)
TH (45 °C)
THH (50 °C)
THO (60 °C)
2.128 V
1.74 V - 1.95 V
0.89 V - 1.1 V
0.79 V - 1.002 V
0.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com