Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 7 of 34
Datasheet
Rev. 1.0
25/Jun/13
5.
Absolute Maximum Ratings
Supply Voltage, VDD (overvoltage)
 24 V
Reverse Voltage Protection
 12 V (breakdown at -14 V)
Positive Output Voltage
 18 V (breakdown at 24 V)
Output Current (IOUT)
 30 mA (in breakdown)
Reverse Output Voltage
 0.3 V
Reverse Output Current
 50 mA (in breakdown)
Operating Ambient Temperature Range, TA
 40°C   150C
Storage Temperature Range, TS
 40°C   150C
Magnetic Flux Density
 1 T
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
6. Description
As described on the block diagram the three vector components of the magnetic flux density (BX, BY and
BZ) applied to the IC are sensed through the sensor front-end. The respective Hall signals (VX, VY and VZ)
are generated at the Hall plates and amplified.
The analog signal processing is based on a fully differential analog chain featuring the classic offset
cancellation technique (Hall plate 2-Phases spinning and chopper-stabilized amplifier).
The conditioned analog signals are converted through an ADC (15 bits) and provided to a DSP block for
further processing. The DSP stage is based on a 16 bit RISC micro-controller whose primary function is
the extraction of the position from two (out of three) raw signals (after so-called front-end compensation
steps) through the following function:
2
1 ,
V
k
V
Where alpha is the magnetic angle
(B1, B2), V
1 = VX or VY or VZ , V2 = VX or VY or VZ and k is a
programmable factor to match the amplitude of V1 and k V2.
The DSP functionality is governed by the micro-code (firmware
 F/W) of the micro-controller which is
stored into the ROM (mask programmable). In addition to the magnetic angle extraction, the F/W controls
the whole analog chain, the output transfer characteristic, the output protocol, the programming/calibration
and also the self-diagnostic modes.
The magnetic angular information is intrinsically self-compensated vs. flux density variations. This feature
allows therefore an improved thermal accuracy vs. position sensor based on conventional linear Hall
sensors.
In addition to the improved thermal accuracy, the realized position sensor features excellent linearity
performance taking into account typical manufacturing tolerances (e.g. relative placement between the
Hall IC and the magnet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com