Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 13 of 34
Datasheet
Rev. 1.0
25/Jun/13
9.
MLX90366 Accuracy Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ADC Resolution on the raw
signals sine and cosine(5)
RADC
15
bits
Thermal Offset Drift #1(6)
at the DSP input (excl. DAC and
output stage)
TA from -40 to 125°C
TA from -40 to 150°C
-60
-90
+60
+90
LSB15
Thermal Drift of Sensitivity
Mismatch(7)
XY axis
XZ (YZ) axis
- 0.5
-1
+ 0.5
+1
%
Magnetic Angle phase error
TA = 25
C – XY axis
TA = 25
C – XZ axis
TA = 25
C – YZ axis
-0.3
-2
-2
0.3
2
2
Deg.
Thermal Drift of Magnetic Angle
phase error
XY axis, XZ (YZ) axis
0.01
Deg.
XY – Intrinsic Linearity Error(8)
Le
TA = 25
C – factory trim. “SMISM
-1
1
Deg
XZ - Intrinsic Lin. Error(11)
Le
TA = 25
C – “k” trimmed for XZ
-2.5
1.25
2.5
Deg
YZ - Intrinsic Lin. Error(11)
Le
TA = 25
C – “k” trimmed for YZ
-2.5
1.25
2.5
Deg
Noise pk-pk(9)
FILTER = 0, 40mT
FILTER = 1 (recommended) , 30mT
0.10
0.10
0.2
0.2
Deg
5
16 bits corresponds to 15 bits + sign. Internal computation is performed using 16 bits.
6
For instance, in case of a rotary position sensor application, Thermal Offset Drift #1 equal ± 60LSB15 yields to max. ± 0.3 Deg.
angular error for the computed angular information (output of the DSP). This is only valid if k = 1. “MLX90365 Front-End
Application Note” will be released for more details.
7
For instance, in case of a rotary position sensor application, Thermal Drift of Sensitivity Mismatch equal ± 0.5% yields to max. ±
0.15 Deg. angular error for the computed angular information (output of the DSP). See “MLX90365 Front-End Application Note”
for more details.
8
The Intrinsic Linearity Error refers to the IC itself (offset, sensitivity mismatch, orthogonality) taking into account an ideal rotating
field for BX and BY. Once associated to a practical magnetic construction and the associated mechanical and magnetic
tolerances, the output linearity error increases. However, it can be improved with the multi-point end-user calibration. The intrinsic
Linearity Error for Magnetic angle
XZ and YZ can be reduced through the programming of the k factor.
9
Noise pk-pk (peak-to-peak) is here intended as 6 times the Noise standard Deviation. The application diagram used is
described in the recommended wiring. For detailed information, refer to section Filter in application mode (Section 14.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com