Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 25 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 25 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 29Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 25 of 34
Datasheet
Rev. 1.0
25/Jun/13
14.4. Filter
Parameter
Value
FILTER
0, 1
The MLX90366 features a filter that is enabled when FILTER = 1.
The filter is of type “moving average”. It averages the two most recent internal angle values.
When the filter is enabled, the SENT data holds the average of the two most recent internal angles.
We recommend to enable the filter, in order to benefit from a noise reduction of 30% compared to the
case FILTER = 0. Given that two angle values are computed per each SENT frame, the latency increases
in this case only marginally.
Filter = 0 corresponds to no filtering, and may be selected to optimize the latency (by about 10%),
whenever the latter is system-critical (e.g. stability of a close-loop system).
14.5. Diagnostic Features
Refer to Application_note_Diagnostic_Behavior_90366 for EE_CRC_Enable function description and for
Diagnostic features which can be enabled at user.
14.6. EEPROM endurance
Although the EEPROM is used for Calibration Data Storage (similarly to an OTPROM), the MLX90366
embedded EEPROM is qualified to guarantee an endurance of minimum 1000 write
cycles at 125˚C for
engineering/calibration purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com