Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 17 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 17 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 17 of 34
Datasheet
Rev. 1.0
25/Jun/13
If EE_REPORT[2:0]=0, the channel 1 reports the angle, and not the diagnostic, as if no diagnostic.
The error is reported only thanks to the Status bits.
If EE_REPORT[2:0]>0, the channel1 payload contains the value Channel1 = (4088 + EE_REPORT[2:0])
13.2.2.3. Diagnostic Reporting Time
The Diagnostic Reporting Time is programmable (defined as multiple of a macro-cycle unit time).
A macro-cycle is a sequence of 20 angle acquisitions, and has a duration of approximately 6 ms.
13.2.2.4. Diagnostic Debouncing
The Diagnostic Reporting is Debounced. The debouncing paramater is user-programmable, by steps of
approximately 6 ms.
13.2.3. Pause pulse
A pause pulse, as defined by the standard, is present at the end of every frame.
The pause pulse mode cannot be disabled.
The pause pulse lenght is adjusted by the circuit so that the frame period is constant.
The field sensing and the frame synchro pulse are in sync.
13.2.4. Fast Channel CRC
The MLX90366 features the new recommended implementation.
13.3. Slow Channel
13.3.1. Enhanced Serial Message
The circuit encodes the slow messages according the Enhanced Serial Message Format as specified at
Chapter 5.2.4.3 of the SENT norm, except for the following restriction:
The configuration bit is always 0, meaning that the payload consists in 12-bit data and 8-bit message ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com