Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 9 of 34
Datasheet
Rev. 1.0
25/Jun/13
7.
MLX90366 Electrical Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Supply Current(2)
Idd
10
mA
Isurge Current(3)
Isurge
20
mA
Power-On reset ( rising )
HPOR_LH
Refer to internal voltage Vdig
2
2.25
2.5
V
Power-On reset Hysteresis
HPOR_Hyst
50
200
mV
Start-up Level ( rising )
MT4V LH
3.8
4.0
4.2
V
Start-up Hysteresis
MT4V Hyst
50
200
mV
PTC Entry Level ( rising )
MT7V_LH
5.8
6.2
6.6
V
PTC Entry Level Hysteresis
MT7V_Hyst
50
200
mV
Output Short Circuit Current
Ishort
Vout = 0 V
Vout = 5 V
Vout = 18 V (TA = 25°C)
15
15
18
mA
mA
mA
Output Load
RL
Pull-down to Ground
Pull-up to 5V
4.7
4.7
10
10
k
k
Passive Diagnostic Output
Level
(Broken Track Diagnostic) (4)
BVSSPD
Broken VSS &
Pull-down load RL
 10 kΩ
97.5
%VDD
BVSSPU
Broken VSS &
Pull-up load RL
 4.7kΩ
99.5
100
%VDD
BVDDPD
Broken VDD &
Pull-down load RL
 4.7kΩ
0
0.5
%VDD
BVDDPU
Broken VDD &
Pull-up load RL
 5kΩ
2
%VDD
2
For the dual version, the supply current is multiplied by 2.
3
The specified value is valid during early start-up time only; the current might dynamically exceed the specified value, shortly,
during the Start-up phase. This current peak is linked a.o. to the charging of the integrated capacitors.
4
The SENT output signal will no longer be reported. For detailed information, see also section 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com