Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 16 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 16 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 16 of 34
Datasheet
Rev. 1.0
25/Jun/13
13.
SENT output Protocol
13.1. Generality
The MLX90366 complies with the sub-set
“A.3 Single Secure Sensors” of the norm J2716 Revised
JAN2010, but one restriction: the mode without pause pulse is not featured.
13.2. Single Secure Fast Channel
MLX90366 delivers SENT frames according the Single Secure format. This format is explicitly described
in this section.
13.2.1. Frame Content
The MLX90366 SENT frames have 6 data nibbles, and are formatted according the below table. The
optional Pause Pulse is however always present so that every messages have the same fixed length.
SENT Frame : Status
D1-MSN D1-MidN D1-LSN
D2-MSN D2-MidN D2-LSN CRC
Optional Pause
Status[0]
Channel 1 indicator ( "1" = error, "0" otherw ise )
Status[1]
0
Status[2]
Enhanced Serial Message
Status[3]
Enhanced Serial Message
CRC
Enhanced CRC (the legacy CRC is not featured)
D1
12 bit angle
D2-MSN
D2-MSN=Rolling Counter-MSN
D2-MidN
D2-MidN=RollingCounter-MidN
D2-LSN
D2-LSN=Inv erted copy of D1-MSN
13.2.2. Diagnostic Reporting through the fast channel
13.2.2.1. Diagnostic Reporting, bit Status[0]
The bit Status[0] is high whenever the three following conditions are met:
1. A diagnostic (analog/environmental) detects an error *
2. The reporting of the above error is enabled **
3. The debouncing time has elapsed.
* A diagnostic of type digital cause the circuit to switch in fail-safe-mode
** See EEPROM bits EE_DIAG_SETTINGS
13.2.2.2. Diagnostic Reporting, Channel 1
The diagnostic can be reported through the 12 bit payload of channel 1, and not only through the status
bit Status[0].
The EEPROM parameters EE_ERRORCODE controls the diagnostic reporting through channel 1 as
follow:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com