Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 19 of 34
Datasheet
Rev. 1.0
25/Jun/13
13.3.3. Serial message sequence period
Sequence Length
(serial message count)
Sequence Length
(frame count)
Sequence Period
(ms, typical)
8
144
121
18
324
273
13.3.3.1. User-defined RAM Value
The payloads of the positions 4, 8 (and 12, 16 if relevant) are user-defined. Three possibilities:
1. Error Code
2. 12 LSBs of a user-defined RAM value
3. 12 MSBs of a user-defined RAM value
The positions 4, 8, 12, 16 refer necessarily to the same user-defined RAM address.
Three RAM addresses are of interest:
The actual absolute Temperature (T) can be derived from the 12 MSBs of ramTempSens (see possibility
3 above) using the following formula (decimal):
T = 8 × (ramTempSens
– 35) + 2048
The accuracy of the actual Temperature is = ± 10 DegC.
13.3.3.2. Error Code Rate
The Error Codes are on purpose transmitted every second message, to maximize the rate, which equals
then 36 SENT frames, when the user-defined RAM mode is not enabled (72 otherwise).
13.3.4. Serial Message Error Code
Bit position
Diagnostic
Comments
0
GainOOS
Front-end Gain code Out-of-spec (too low, too high)
3
ADCSatura
Diag
4
ADCMonitor
ADC monitor
5
VanaMoni
Analog Internal Supply Too Low
6
VddMoni
External Supply Too Low, Too High
7
Rough Offset
Front-end Rough Offset too low, too high
8
TempMonitor
Temperature Sensor monitor
Variable name
Address
Description
ramTempSens
4E
Calibrated Temperature sensor value
VG
46
Actual Virtual Gain
Norm
48
Actual field norm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com