Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90366 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 3 of 34
Datasheet
Rev. 1.0
25/Jun/13
2.
Description
The MLX90366 Triaxis® Position Sensor Assembly is a high accuracy linear and angular position sensor
which eliminates need for inclusion of a printed circuit board (PCB) within sensing modules.
This device is based on a Dual Mold Package (DMP) construction, which integrates a Triaxis position
sensing die together with the decoupling capacitors necessary to meet the strenuous ESD and EMC
requirements. No PCB is needed.
The Triaxis® Position Sensing Die is nothing but the one used for the MLX90367 in conventional surface-
mount packages (SOIC-8
– single die & TSSOP-16 – dual die).
The decoupling capacitors are X8R capacitors well suited for package integration and the target operating
temperature range.
The MLX90366 is sensitive to the three components of the flux density applied to the IC (i.e. BX, BY and
BZ). This allows the MLX90366 with the correct magnetic circuit to decode the absolute position of any
moving magnet (e.g. rotary position from 0 to 360 Degrees or linear displacement, stroke - Figure 2). It
enables the design of novel generation of non-contacting position sensors that are frequently required for
both automotive and industrial applications.
MLX90366 provides SENT Frames encoded according the Secure Sensor format.
The circuit delivers enhanced serial messages providing error codes, and user-defined values.
MLX90366 Triaxis® Position Sensor Assembly enables the realization of position sensor modules for
which a PCB is no longer needed: this yield to an increase of the electrical, mechanical and environmental
robustness of the final application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com