Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 27 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 27 Page - Melexis Microelectronic Systems

Back Button MLX90366 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 31Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 27 of 34
Datasheet
Rev. 1.0
25/Jun/13
16.
Built-in Capacitors
Either Vss pin can be used for grounding, but always leave 1 floating.
Built-in capacitors are ceramic multilayer type X8R. The capacitors are specifically suited for high
temperature applications with stable capacitance value (± 15%) up to 150 DegC.
The capacitors are assembled using a gluing method instead of soldering to be more reliable towards
thermal/mechanical stress. The maximum rated voltage is 25V. C1=C2=C4 = 100nF and C3 = 10nF.
17.
Standard information regarding manufacturability of Melexis
products with different lead pre-forming and soldering/welding
processes
For Dual Mold Package, please refer to the following document (available upon request):
Application Note Hall Sensors in Dual Mold Packages
– (Doc#: 390110000001)
For more information on the lead free topic please see quality page at our website:
http://www.melexis.com/quality.aspx
18.
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
C1
C2
C3
C4
VDD
VSS
OUT
C1 = C2 = C3 = C4 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com