Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90366 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90366
Description  Triaxis??Position Sensor Assembly feat. SENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90366 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90366 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90366 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MLX90366
Triaxis
Position Sensor Assembly feat. SENT
MLX90366
Page 1 of 34
Datasheet
Rev. 1.0
25/Jun/13
Features and Benefits
TriaxisHall Technology
On Chip Signal Processing for Robust Absolute Position Sensing
Simple Magnetic Design
Programmable Measurement Range
Programmable Linear Transfer Characteristic (Multi-points)
SENT output (according to SAE J2716-2010)
12 bit Resolution - 10 bit Thermal Accuracy
48 bit ID Number option
Robust Dual Mold Package (DMP) feat. 4 Decoupling Capacitors (ESD/EMC)
Reliable NoPCB Module Integration
Applications
Absolute Rotary Position Sensor
Absolute Linear Position Sensor
Pedal Position Sensor
Steering Wheel Position Sensor
Throttle Position Sensor
Float-Level Sensor
Ride Height Position Sensor
Non-Contacting Potentiometer
Ordering Information1
Part No.
Temperature Code
Package Code
Option Code
Packing Code
MLX90366
L
VS
ADS-200
RE
MLX90366
L
VS
ADS-200
RX
MLX90366
L
VS
ADS-200
TU
MLX90366
L
VS
ADS-201
RE
MLX90366
L
VS
ADS-201
RX
MLX90366
L
VS
ADS-203
RE
MLX90366
L
VS
ADS-203
RX
Legend:
Temperature Code:
L for Temperature Range - 40°C to 150°C,
Package Code:
VS for DMP-4
Option Code:
AAA-123:
AAA: die version
1: IMC placement
23: Trim and form option:
00: Standard (straight leads) see section 20.1
01: Trim and Form STD1 2.54 see section 20.2
03: Trim and Form STD2 2.54 see section 20.3
Packing Form:
RE for Reel (face-up)
RX for Reel (face down)
TU for Tube
Ordering Example:
MLX90366LVS-ADS-200-RE
1
See your sales representative for more details.


Similar Part No. - MLX90366

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366 MELEXIS-MLX90366 Datasheet
1Mb / 23P
Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVSADU250RE MELEXIS-MLX90366LVSADU250RE Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
MLX90366LVSADU250RX MELEXIS-MLX90366LVSADU250RX Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
MLX90366LVSADU250SP MELEXIS-MLX90366LVSADU250SP Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
More results

Similar Description - MLX90366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90333 ETC2-MLX90333 Datasheet
822Kb / 38P
Triaxis 3D-Joystick Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333 Datasheet
822Kb / 38P
Triaxis 3D-Joystick Position Sensor
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
Linear Hall-Effect Sensor with SENT Output
logo
Melexis Microelectronic...
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90364 MELEXIS-MLX90364 Datasheet
1Mb / 36P
Triaxis짰 Position Sensor Assembly
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
Triaxis짰 Position Sensor Assembly
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
logo
NXP Semiconductors
KMA215 NXP-KMA215 Datasheet
443Kb / 50P
Programmable angle sensor with SAE J2716 SENT
Rev. 1-24 February 2014
logo
Festo Corporation.
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com