Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 31 of 44
Bit No.
Bit Name
Access
Default
Description
[4:3]
VTRK_DEAD[1:0]
R/W
00 = 2.0 V
Trickle to fast charge dead battery voltage programming bus. The
values of the trickle to fast charge threshold can be programmed to
the following values:
00 = 2.0 V.
01 = 2.5 V.
10 = 2.6 V.
11 = 2.9 V.
[2:0]
VWEAK[2:0]
R/W
011 = 3.0 V
Weak battery voltage rising threshold.
000 = 2.7 V.
001 = 2.8 V.
010 = 2.9 V.
011 = 3.0 V.
100 = 3.1 V.
101 = 3.2 V.
110 = 3.3 V.
111 = 3.4 V.
Table 24. Timer Settings, Register Address 0x06
Bit No.
Bit Name
Access
Default
Description
[7:6]
Not used
5
EN_TEND
R/W
1
0 = charge complete timer, tEND, disabled. A 31 ms deglitch timer
remains on.
1 = charge complete timer enabled.
4
EN_CHG_TIMER
R/W
1
0 = trickle/fast charge timer disabled.
1 = trickle/fast charge timer enabled.
3
CHG_TMR_PERIOD
R/W
1
Trickle and fast charge timer period.
0 = 30 sec trickle charge timer and 300-minute fast charge timer.
1 = 60 sec trickle charge timer and 600-minute fast charge timer.
2
EN_WD
R/W
0
0 = watchdog timer is disabled even when BAT_SNS exceeds VWEAK.
1 = watchdog timer safety timer is enabled.
1
WD_PERIOD
R/W
0
Watchdog safety timer period.
0 = 32 sec watchdog timer and 40-minute safety timer.
1 = 64 sec watchdog timer and 40-minute safety timer.
0
RESET_WD
W
0
When RESET_WD is set to logic high by I2C, the watchdog safety
timer is reset.
Table 25. Functional Settings 1, Register Address 0x07
Bit No.
Bit Name
Access
Default
Description
7
Not used
6
DIS_IC1
R/W
0
0 = normal operation.
1 = the ADP5063 is disabled; VVINx must be VISO_Bx < VVINx < 5.5 V.
5
EN_BMON
R/W
0
0 = when VVINx < VVIN_OK_RISE or VVIN_OK_FALL, the battery monitor is
disabled. When VVINx = 4 V to 6.7 V, the battery monitor is enabled
regardless of the EN_BMON state.
1 = the battery monitor is enabled even when the voltage at the
VINx pins is below VVIN_OK.
4
EN_THR
R/W
0
0 = when VVINx < VVIN_OK_RISE or VVIN_OK_FALL, the THR current source is
disabled. When VVINx = 4 V to 6.7 V, the THR current source is
enabled regardless of the EN_THR state.
1 = THR current source is enabled even when the voltage at the
VINx pins is below VVIN_OK_RISE or VVIN_OK_FALL.
3
DIS_LDO
R/W
0
0 = LDO is enabled.
1 = LDO is off. In addition, if EN_CHG = low, the battery isolation
FET is on. If EN_CHG = high, the battery isolation FET is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com