Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 10 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
VVINx = 5.0 V, CVINx = 10 µF, CISO_Sx = 44 µF, CISO_Bx = 22 µF, CCBP = 100 nF, all registers are at default values, unless otherwise noted.
Figure 4. System Voltage vs. System Output Current, LDO Mode,
VSYSTEM[2:0] = 000 (Binary) = 4.3 V
Figure 5. System Voltage vs. Input Voltage (in Dropout), LDO Mode,
VSYSTEM[2:0] = 000 (Binary) = 4.3 V
Figure 6. Battery Charge Current vs. Battery Voltage, ICHG[4:0] = 01001
(Binary) = 500 mA, ILIM[3:0] = 1111 (Binary) = 2100 mA
Figure 7. Ideal Diode RON vs. Battery Voltage,
IISO_Sx = 500 mA, VINx Open
0.01
0.1
1
SYSTEM OUTPUT CURRENT (A)
4.20
4.22
4.24
4.26
4.28
4.30
4.32
4.34
4.36
4.38
4.40
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
INPUT VOLTAGE (V)
LOAD = 100mA
LOAD = 500mA
LOAD = 1000mA
BATTERY VOLTAGE (V)
WEAK
CHARGE
FAST CHARGE
TRICKLE CHARGE
0
100
200
300
400
500
600
700
800
900
1000
1.8
2.3
2.8
3.3
3.8
40
45
50
55
60
65
70
BATTERY VOLTAGE (V)
2.7
2.9
3.1
3.3
3.5
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com