Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 37 of 44
VINx Capacitor Selection
According to the USB 2.0 specification, USB peripherals have a
detectable change in capacitance on VBUS when they are attached
to a USB port. The peripheral device VBUS bypass capacitance
must be at least 1 µF but not larger than 10 µF.
The VINx input of the ADP5063 is tolerant of voltages as high
as 20 V; however, if an application requires exposing the VINx
input to voltages of up to 20 V, the voltage range of the capacitor
must also be above 20 V. Suggestions for a VINx capacitor are
given in Table 36.
When using ceramic capacitors, a higher voltage range is usually
achieved by selecting a component with larger physical dimensions.
In applications where lower than 20 V at VINx input voltages can
be guaranteed, smaller output capacitors can be used accordingly.
Table 34. ISO_Bx and ISO_Sx Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM31CR61A226KE19
22 μF
10 V
1206
Murata
GRM31CR60J226ME19
22 μF
6.3 V
1206
TDK
C3216X5R0J226M
22 µF
6.3 V
1206
Taiyo-
Yuden
JMK316ABJ226KL-T
22 µF
6.3 V
1206
Table 35. CBP Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM155R70J104KA01
100 nF
6.3 V
0402
TDK
C1005X7R1A104K050BB
100 nF
10 V
0402
Table 36. VINx Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM21BR61E106MA73
10 µF
25 V
0805
TDK
C2012X5R1E106K
10 µF
25 V
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com