Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 6 of 44
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUT PINS
Maximum Voltage on Digital Inputs
VDIN_MAX
5.5
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Maximum Logic Low Input Voltage
VIL
0.5
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Minimum Logic High Input Voltage
VIH
1.2
V
Applies to SCL, SDA, DIG_IO1, DIG_IO2, DIG_IO3
Pull-Down Resistance
215
350
610
kΩ
Applies to DIG_IO1, DIG_IO2, DIG_IO3
1
Undervoltage lockout generated normally from ISO_Sx or ISO_Bx; in certain transition cases, it can be generated from VINx.
2
These values are programmable via I2C. Values are given with default register values.
3
The output current during charging may be limited by the input current limit or by the isothermal charging mode.
4
During weak charging mode, the charger provides at least 20 mA of charging current via the trickle charge branch to the battery unless trickle charging is disabled.
Any residual current that is not required by the system is also used to charge the battery.
5
Either JEITA1 (default) or JEITA2 can be selected in I2C, or both JEITA functions can be enabled or disabled in I2C.
RECOMMENDED INPUT AND OUTPUT CAPACITANCES
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITANCES
Effective capacitance
VINx
CVINx
4
10
μF
CBP
CCBP
60
100
140
nF
ISO_Sx
CISO_Sx
10
22
100
μF
ISO_Bx
CISO_Bx
10
22
μF
I2C-COMPATIBLE INTERFACE TIMING SPECIFICATIONS
Table 3.
Parameter1
Symbol
Min
Typ
Max
Unit
I2C-COMPATIBLE INTERFACE2
Capacitive Load for Each Bus Line
CS
400
pF
SCL Clock Frequency
fSCL
400
kHz
SCL High Time
tHIGH
0.6
µs
SCL Low Time
tLOW
1.3
µs
Data Setup Time
tSU, DAT
100
ns
Data Hold Time
tHD, DAT
0
0.9
µs
Setup Time for Repeated Start
tSU, STA
0.6
µs
Hold Time for Start/Repeated Start
tHD, STA
0.6
µs
Bus Free Time Between a Stop and a Start Condition
tBUF
1.3
µs
Setup Time for Stop Condition
tSU, STO
0.6
µs
Rise Time of SCL/SDA
tR
20
300
ns
Fall Time of SCL/SDA
tF
20
300
ns
Pulse Width of Suppressed Spike
tSP
0
50
ns
1
Guaranteed by design.
2
A master device must provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of SCL (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com