Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 32 of 44
Bit No.
Bit Name
Access
Default
Description
2
EN_EOC
R/W
1
0 = end of charge not allowed.
1 = end of charge allowed.
1
Not used
0
EN_CHG
R/W
0
0 = battery charging is disabled.
1 = battery charging is enabled.
Table 26. Functional Settings 2, Register Address 0x08
Bit No.
Bit Name
Access
Default
Description
7
EN_JEITA
R/W
0 = JEITA disabled
0 = JEITA compliance of the Li-Ion temperature battery charging
specifications is disabled.
1 = JEITA compliance enabled.
6
JEITA_SELECT
R/W
0 = JEITA1
0 = JEITA1 is selected.
1 = JEITA2 is selected.
5
EN_CHG_VLIM
R/W
0
0 = charging voltage limit disabled.
1 = voltage limit enabled. The charger prevents charging until the
battery voltage drops below the VCHG_VLIM threshold.
[4:3]
IDEAL_DIODE[1:0]
R/W
00
00 = ideal diode operates constantly when VISO_Sx < VISO_Bx.
01 = ideal diode operates when VISO_Sx < VISO_Bx and VBAT_SNS > VWEAK.
10 = ideal diode is disabled.
11 = ideal diode is disabled.
[2:0]
VSYSTEM[2:0]
R/W
000 = 4.3 V
System voltage programming bus. The values of the system voltage
can be programmed to the following values:
000 = 4.3 V.
001 = 4.4 V.
010 = 4.5 V.
011 = 4.6 V.
100 = 4.7 V.
101 = 4.8 V.
110 = 4.9 V.
111 = 5.0 V.
Table 27. Interrupt Enable, Register Address 0x09
Bit No.
Bit Name
Access
Default
Description
7
Not used
6
EN_THERM_LIM_INT
R/W
0
0 = isothermal charging interrupt is disabled.
1 = isothermal charging interrupt is enabled.
5
EN_WD_INT
R/W
0
0 = watchdog alarm interrupt is disabled.
1 = watchdog alarm interrupt is enabled.
4
EN_TSD_INT
R/W
0
0 = overtemperature interrupt is disabled.
1 = overtemperature interrupt is enabled.
3
EN_THR_INT
R/W
0
0 = THR temperature thresholds interrupt is disabled.
1 = THR temperature thresholds interrupt is enabled.
2
EN_BAT_INT
R/W
0
0 = battery voltage thresholds interrupt is disabled.
1 = battery voltage thresholds interrupt is enabled.
1
EN_CHG_INT
R/W
0
0 = charger mode change interrupt is disabled.
1 = charger mode change interrupt is enabled.
0
EN_VIN_INT
R/W
0
0 = VINx pin voltage thresholds interrupt is disabled.
1 = VINx pin voltage thresholds interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com