Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 11 of 44
Figure 8. Input Current vs. Input Voltage, VISO_Bx = 3.3 V
Figure 9. Ideal Diode RON vs. Load Current,
VISO_Bx = 3.6 V
Figure 10. Charge Profile, ILIM[3:0] = 0110 (Binary) = 500 mA,
LiFePO4 Battery Capacity = 500 mAh
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
3
4
5
6
7
8
INPUT VOLTAGE (V)
DEFAULT STARTUP
DIS_LDO = HIGH
40
70
65
60
55
50
45
0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
0
20
40
60
80
CHARGE TIME (Minutes)
VBAT_SNS
IISO_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com