Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5063ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Linear LiFePO4 Battery Charger with
Power Path and USB Compatibility in LFCSP
Data Sheet
ADP5063
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Default charging termination voltage at 3.6 V
Fully compatible with USB 3.0 and USB Battery Charging 1.2
Compliance Plan Specification
Operating input voltage from 4 V to 6.7 V
Tolerant input voltage from −0.5 V to +20 V (USB VBUS)
Fully programmable via I2C
Flexible digital control inputs
Up to 2.1 A current from an ac charger in LDO mode
Built-in current sensing and limiting
As low as 55 mΩ battery isolation FET between battery and
charger output
Thermal regulation prevents overheating
Compliant with JEITA1 and JEITA2 Li-Ion battery charging
temperature specifications
SYS_EN flag permits the system to be disabled until battery is at
the minimum required level for guaranteed system start-up
4 mm × 4 mm LFCSP package
APPLICATIONS
Single cell lithium iron phosphate (LiFePO4) portable
equipment
Portable medical devices
Portable instrumentation devices
Portable consumer devices
GENERAL DESCRIPTION
The ADP5063 charger is fully compliant with USB 3.0 and the
USB Battery Charging 1.2 Compliance Plan Specification, and
enables charging via the mini USB VBUS pin from a wall charger,
car charger, or USB host port.
The ADP5063 operates from a 4 V to 6.7 V input voltage range but
is tolerant of voltages up to 20 V, thereby alleviating concerns about
USB bus spikes during disconnection or connection scenarios.
The ADP5063 features an internal field effect transistor (FET)
between the linear charger output and the battery. This permits
battery isolation and, therefore, system powering under a dead
battery or no battery scenario, which allows immediate system
function upon connection to a USB power supply.
Based on the type of USB source, which is detected by an external
USB detection chip, the ADP5063 can be set to apply the correct
current limit for optimal charging and USB compliance.
The ADP5063 has three factory-programmable digital input/out-
put pins that provide maximum flexibility for different systems.
These digital input/output pins permit a combination of features,
such as input current limits, charging enable and disable, charging
current limits, and a dedicated interrupt output pin.
TYPICAL APPLICATION CIRCUIT
Figure 1.
VINx
VBUS
AC OR
USB
SCL
SDA
DIG_IO1
DIG_IO2
DIG_IO3
AGND
+ Li-Ion
THR
C3
22µF
C1
100nF
C4
10µF
C2
22µF
ISO_Sx
ISO_Bx
BAT_SNS
ADP5063
SYS_EN
SYSTEM
ILED
VLED
CBP
CHARGER
CONTROL
BLOCK


Similar Part No. - ADP5063ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
Tiny I2C Programmable Linear Battery Charger
REV. 0
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-1-R7 AD-ADP5062ACPZ-1-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-2-R7 AD-ADP5062ACPZ-2-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062CP-EVALZ AD-ADP5062CP-EVALZ Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
More results

Similar Description - ADP5063ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Linear Technology
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Shanghai Consonance Ele...
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
1A LiFePO4 Battery Charger
logo
Analog Devices
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5065 AD-ADP5065 Datasheet
964Kb / 40P
Fast Charge Battery Manager with Power Path and USB Compatibility
2/13-Rev. C to Rev. D
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
500mA LiFePO4 Battery Charger
REV 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com