Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 38 of 44
PCB LAYOUT GUIDELINES
Figure 37. Reference Circuit Diagram
Figure 38. Reference PCB Floor Plan
9
VDDIO
10
11
13
14
19
7
6
1
17
20
5
3
18
VIN1 TO VIN3
CBP
SCL
SDA
ISO_S1 TO ISO_S3
ISO_B1 TO ISO_B3
SYS_EN
AGND
DIG_IO1
DIG_IO2
DIG_IO3
THR
4
BAT_SNS
TO MCU
TO MCU
TO MCU
TO MCU/NC
TO MCU/NC
CHARGER
CONTROL
BLOCK
R5 NTC 10kΩ
(OPTIONAL)
CONNECT
CLOSE TO
BATTERY +
8
12
2
TO MCU/NC
15
ILED
VLED
16
VDDIO
R4
10kΩ
R2
1.5kΩ
R1
1.5kΩ
C4
10µF
GRM21BR6E106MA73
C1
100nF
GRM155R70J104KA01
VIN = 4V TO 7V
C3
22µF
GRM31CR60J226ME19
C2
22µF
GRM31CR60J22ME19
ADP5063
20-LEAD LFCSP
VINx
PGND
PGND
PGND
ISO_Bx
ISO_Sx
C4: 10µF,
25V/X5R,
0805
C3: 22µF,
16V/X5R,
1206
C2: 22µF,
16V/X5R,
1206
C1: 100nF,
16V/X7R,
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com