Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063ACPZ-1-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5063ACPZ-1-R7
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063ACPZ-1-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5063ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5063ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADP5063
Rev. 0 | Page 25 of 44
Figure 30. Simplified Charging Mode Flowchart
TO CHARGING
MODE
IVINx < ILIM
TEMP < TLIM
YES
NO
NO
CHARGE
COMPLETE
YES
tWD EXPIRED
YES
NO
TRICKLE
CHARGE
YES
TIMER FAULT
OR
BAD BATTERY
YES
NO
NO
VBAT_SNS
< VTRK
YES
NO
YES
NO
NO
VIN_OK =
HIGH
VIN_OK =
HIGH
YES
YES
tSTART
EXPIRED
POWER-DOWN
NO
NO
NO
YES
YES1
NO
NO
YES
YES
RUN
BATTERY
DETECTION
FAST CHARGE
NO
YES
TO IC OFF
VBAT_SNS =
VRCH
tWD EXPIRED
tSAFE OR tTRK
EXPIRED
IOUT < IEND
VBAT_SNS
< VTRK
WATCHDOG
EXPIRED
START
tSAFE
IBUS = 100mA
VIN_ILIM = HIGH
IVINx = ILIM
RUN
BATTERY
DETECTION
THERM_LIM = HIGH
TEMP = TLIM
tSAFE OR tCHG
EXPIRED
WATCHDOG
EXPIRED
START
tSAFE
IBUS = 100 mA
TIMER FAULT OR
BAD BATTERY
1SEE TIMER SPECS
VBAT_SNS =
VTRM
CC MODE
CHARGING
CV MODE
CHARGING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com